전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP4N90C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQP4N90C
상세설명  900V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP4N90C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQP4N90C Datasheet HTML 1Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 2Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 3Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 4Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 5Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 6Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 7Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 8Page - Fairchild Semiconductor FQP4N90C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. A, June 2003
©2003 Fairchild Semiconductor Corporation
024
68
2
4
6
8
10
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0
2
4
6
8
10
12
V
DS = 450V
V
DS = 180V
V
DS = 720V
※ Note : I
D = 4A
Q
G, Total Gate Charge [nC]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
24
6
8
10
10
-1
10
0
10
1
V
GS, Gate-Source Voltage [V]
150
oC
25
oC
-55
oC
※ Notes :
1. V
DS
= 50V
2. 250μ s Pulse Test
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C
= 25℃
V
DS, Drain-Source Voltage [V]


유사한 부품 번호 - FQP4N90C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP4N90C FAIRCHILD-FQP4N90C Datasheet
920Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP4N90C ISC-FQP4N90C Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FQP4N90C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com