전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3658SDX 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3658SDX
상세설명  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658SDX 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3658SDX Datasheet HTML 5Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 6Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 7Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 8Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 9Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 10Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 11Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 12Page - National Semiconductor (TI) LM3658SDX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LM3658 Operation Description
(Continued)
The thermal advantage of the LLP package is fully realized
only when the exposed die attach pad is soldered down to a
thermal land on the PCB board with thermal vias planted
underneath the thermal land. Based on thermal analysis of
the LLP package, the junction-to-ambient thermal resistance
(
θ
JA) can be improved by a factor of two when the die attach
pad of the LLP package is soldered directly onto the PCB
with thermal land and thermal vias, as opposed to an alter-
native with no direct soldering to a thermal land. Typical pitch
and outer diameter for thermal vias are 1.27 mm and
0.33 mm respectively. Typical copper via barrel plating is 1
oz, although thicker copper may be used to further improve
thermal performance. The LM3658 die attach pad is con-
nected to the substrate of the IC and therefore, the thermal
land and vias on the PCB board need to be connected to
ground (GND pin).
For more information on board layout techniques, refer to
Application Note 1187 “Leadless Lead Frame Package
(LLP).” This application note also discusses package han-
dling, solder stencil and the assembly process.
www.national.com
10


유사한 부품 번호 - LM3658SDX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3658SDX TI1-LM3658SDX Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SDX-A TI1-LM3658SDX-A Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SDX-A/NOPB TI1-LM3658SDX-A/NOPB Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SDX-A/NOPB TI1-LM3658SDX-A/NOPB Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SDX-B TI1-LM3658SDX-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

유사한 설명 - LM3658SDX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com