전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5401DC 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI5401DC
상세설명  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5401DC 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI5401DC Datasheet HTML 1Page - Vishay Siliconix SI5401DC Datasheet HTML 2Page - Vishay Siliconix SI5401DC Datasheet HTML 3Page - Vishay Siliconix SI5401DC Datasheet HTML 4Page - Vishay Siliconix SI5401DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D Ultra-Low On-Resistance
D Thermally Enhanced ChipFETr Package
D 40% Smaller Footprint Than TSOP-6
APPLICATIONS
D Load Switch, PA Switch, and Battery Switch
for Portable Devices
Si5401DC
Vishay Siliconix
New Product
Document Number: 73225
S-50038—Rev. A, 17-Jan-05
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
0.032 @ VGS = −4.5 V
−7.1
−20
0.040 @ VGS = −2.5 V
−6.4
16.5
0.053 @ VGS = −1.8 V
−5.5
1206-8 ChipFE
Tr
D
D
D
G
D
D
D
S
1
Bottom View
Marking Code
BO XXX
Lot Traceability
and Date Code
Part # Code
S
G
D
P-Channel MOSFET
Ordering Information:
Si5401DC-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−7.1
−5.2
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−5.1
−3.7
A
Pulsed Drain Current
IDM
−20
A
Continuous Source Currenta
IS
−2.1
−1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


유사한 부품 번호 - SI5401DC

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI540 SILABS-SI540 Datasheet
879Kb / 16P
   Very low jitter: 125 fs Typ RMS
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
   Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
logo
Vishay Siliconix
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5402BDC VISHAY-SI5402BDC Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC VISHAY-SI5402BDC Datasheet
227Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
More results

유사한 설명 - SI5401DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com