전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8958AL25 데이터시트(PDF) 11 Page - SyncMOS Technologies,Inc

부품명 SM8958AL25
상세설명  8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AL25 데이터시트(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM8958AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
11/25
Ver 1.0 PID 8958A 09/02
SyncMOS Technologies Inc.
SM8958A
3.Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The WDT is
useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing software dead
loop or runaway. The WDT function can help user software recover from abnormal software condition. The WDT is different
from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by software periodically clearing the
WDT counter. User should check WDR bit of SCONF register whenever un-predicted reset happened
The purpose of the secure procedure is to prevent the WDTC value from being changed when system runaway.
There is a 250KHz RC oscillator embedded in chip. Set WDTE = “1” will enable the RC oscillator and the frequency is inde-
pendent to the system frequency.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to count
with the RC oscillator. It will generate a reset signal when overflows. The WDTE bit will be cleared to 0 automatically when
SM8958A been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC before the counter overflow. This will clear the content of
the 16-bit counter and let the counter re-start to count from the beginning.
3.1 Watch Dog Timer Registers:
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS[2:0] : Overflow period select bits
bit-7
bit-0
Read :
WDTE
Unused
CLEAR
Unused
Unused
PS2
PS1
PS0
Write :
Reset value :
0
*
0
*
*
0
0
0
PS [2:0]
Overflow Period (ms)
000
2.048
001
4.096
010
8.192
011
16.384
100
32.768
101
65.536
110
131.072
111
262.144


유사한 부품 번호 - SM8958AL25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

유사한 설명 - SM8958AL25

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com