전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM89516 데이터시트(PDF) 6 Page - SyncMOS Technologies,Inc

부품명 SM89516
상세설명  8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516 데이터시트(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM89516 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
6/19
Ver 1.3
PID 89516 05/01
SyncMOS Technologies Inc.
SM89516
Data Memory
The SM89516 has 1K bytes on-chip RAM, 256 bytes of it are the same as general 8052 internal memory
structure while the expanded 768 bytes on-chip RAM can be accessed by external memory addressing method.
(by instruction MOVX)
FF
80
7F
00
FF
80
Expanded 768 bytes (Accessed
direct external addressing
by instruction MOVX)
02FF
0000
Data Memory - Lower 128 byte
Data memory $00 to $FF is the same as 8052
The address $00 to $7F can be accessed by direct and indirect addressing modes.
Address $00 to $1F is register area.
Address $20 to $2F is memory bit area.
Address $30 to $7F is for general memory area.
Data memory - Higher 128 byte
The address $80 to $FF can be accessed by indirect addressing mode only.
Addressing $80 to $FF is data area.
Data Memory - Expanded 768 bytes
From external address $0000 to $02FF is the on-chip expanded RAM area, total 768 bytes. This area can be
accessed by external direct addressing mode only (by instruction MOVX).
Higher 128 bytes (Access by
indirect addressing mode only)
SFR (Accessed by direct
addressing mode only)
Lower 128 bytes (Accessed by
direct & indirect
by
mode,
addressing mode)
(OME = 1)
Internal RAM Control Register (RCON, $85)
bit-7
bit-0
Read :
Unused
Unused
Unused
Unused
Unused
Unused
RAMS1
RAMS0
Write :
Reset value :
******
0
0


유사한 부품 번호 - SM89516

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

유사한 설명 - SM89516

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com