전자부품 데이터시트 검색엔진 |
|
AD8187ARU 데이터시트(PDF) 3 Page - Analog Devices |
|
AD8187ARU 데이터시트(HTML) 3 Page - Analog Devices |
3 / 20 page REV. A AD8186/AD8187 –3– Parameter Conditions Min Typ Max Unit SWITCHING CHARACTERISTICS Channel-to-Channel Switching Time 50% Logic to 50% Output Settling, INA = +1 V, INB = –1 V 3.6/4 ns ENABLE to Channel ON Time 50% Logic to 50% Output Settling, INPUT = 1 V 4/3.8 ns DISABLE to Channel OFF Time 50% Logic to 50% Output Settling, INPUT = 1 V 17/5 ns Channel Switching Transient (Glitch) All Channels Grounded 21/45 mV Output Enable Transient (Glitch) All Channels Grounded 64/118 mV DIGITAL INPUTS Logic 1 Voltage SEL A/ B, OE Inputs 1.6 V Logic 0 Voltage SEL A/ B, OE Inputs 0.6 V Logic 1 Input Current SEL A/ B, OE = 2.0 V 45 nA Logic 0 Input Current SEL A/ B, OE = 0.5 V 2 A OPERATING TEMPERATURE RANGE Temperature Range Operating (Still Air) –40 +85 ºC JA Operating (Still Air) 85 ºC/W JC Operating 20 ºC/W Specifications subject to change without notice. AD8186/AD8187 |
유사한 부품 번호 - AD8187ARU |
|
유사한 설명 - AD8187ARU |