전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8186-EVAL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8186-EVAL
상세설명  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8186-EVAL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8186-EVAL Datasheet HTML 5Page - Analog Devices AD8186-EVAL Datasheet HTML 6Page - Analog Devices AD8186-EVAL Datasheet HTML 7Page - Analog Devices AD8186-EVAL Datasheet HTML 8Page - Analog Devices AD8186-EVAL Datasheet HTML 9Page - Analog Devices AD8186-EVAL Datasheet HTML 10Page - Analog Devices AD8186-EVAL Datasheet HTML 11Page - Analog Devices AD8186-EVAL Datasheet HTML 12Page - Analog Devices AD8186-EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD8186/AD8187
–9–
TIME (ns)
05
10
15
20
3.30
2.80
2.30
2.80
2.50
2.00
1.80
INPUT
OUTPUT
2.70
2.60
2.40
2.30
2.20
2.10
1.90
25
TPC 25. AD8186 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 1 k
TIME (ns)
05
10
15
20
5.0
4.5
2.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
INPUT
OUTPUT
25
TPC 26. AD8186 Video Signal Pulse Response,
VOUT = 700 mV p-p, RL = 1 k
TIME (ns)
05
10
15
20
7.0
6.5
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1.5
1.0
0.5
0
–0.5
–1.0
2.5
3.0
–1.5
–2.0
3.5
4.0
2.5
2.0
1.5
1.0
INPUT
OUTPUT
25
TPC 27. AD8186 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 1 k
TIME (ns)
05
10
3.2
3.1
2.5
3.0
2.9
2.8
2.7
2.6
2.4
2.3
2.2
2.1
2.0
2.6
1.9
1.8
2.7
2.8
2.5
2.4
2.3
2.2
INPUT
OUTPUT
15
20
25
TPC 28. AD8187 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 150 k
TIME (ns)
05
10
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
15
20
5.0
25
TPC 29. AD8187 Video Amplitude Pulse
Response, VOUT = 1.4 V p-p, RL = 150 k
TIME (ns)
0
6.0
5.5
2.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
–0.5
–1.0
3.5
4.0
2.0
1.5
1.0
INPUT
OUTPUT
5.0
–1.5
0.5
–2.0
0
510
15
20
25
TPC 30. AD8187 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 150 k


유사한 부품 번호 - AD8186-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8186-EVAL AD-AD8186-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

유사한 설명 - AD8186-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com