전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IKB06N60T 데이터시트(Datasheet) 3 Page - List of Unclassifed Manufacturers

부품명 IKB06N60T
상세내용  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 
 3 page
background image
IKB06N60T
TrenchStop series
IKP06N60T
^
Power Semiconductors
3
Rev. 2 Oct-04
Dynamic Characteristic
Input capacitance
Ciss
-
368
-
Output capacitance
Coss
-
28
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
11
-
pF
Gate charge
QGate
VCC=480V, IC=6A
VGE=15V
-
42
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
TO-220-3-1
TO-263-3-2
-
7
-
nH
Short circuit collector current
1)
IC(SC)
VGE=15V,tSC
≤5µs
VCC = 400V,
Tj = 25
°C
-
55
-
A
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
9
-
Rise time
tr
-
6
-
Turn-off delay time
td(off)
-
130
-
Fall time
tf
-
58
-
ns
Turn-on energy
Eon
-
0.09
-
Turn-off energy
Eoff
-
0.11
-
Total switching energy
Ets
Tj=25
°C,
VCC=400V,IC=6A,
VGE=0/15V,
RG=23
Ω,
Lσ
2) =60nH,
Cσ
2) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.2
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
123
-
ns
Diode reverse recovery charge
Qrr
-
190
-
nC
Diode peak reverse recovery current
Irrm
-
5.3
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=25
°C,
VR=400V, IF=6A,
diF/dt=550A/
µs
-
450
-
A/
µs
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
2) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IKP10N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IHP10T120Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKP15N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW30N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW75N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW15T120LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE 1 2 3 4 5 MoreInfineon Technologies AG
IKP04N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKW50N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG
IKA06N60TLow Loss DuoPack : IGBT in Trench and Fieldstop technology with soft fast recovery anti-parallel EmCon HE diode 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl