전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC73701M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC73701M
상세설명  SERIAL INTERFACE DIALLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC73701M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC73701M Datasheet HTML 1Page - Sanyo Semicon Device LC73701M Datasheet HTML 2Page - Sanyo Semicon Device LC73701M Datasheet HTML 3Page - Sanyo Semicon Device LC73701M Datasheet HTML 4Page - Sanyo Semicon Device LC73701M Datasheet HTML 5Page - Sanyo Semicon Device LC73701M Datasheet HTML 6Page - Sanyo Semicon Device LC73701M Datasheet HTML 7Page - Sanyo Semicon Device LC73701M Datasheet HTML 8Page - Sanyo Semicon Device LC73701M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 5561-4/11
LC73701M
Input Code Table
D7
D6
D5
D4
D3
D2
D1
D0
WRITE
Data interpretation and notes
TO RAM
X
0
0
0
0
0
0
0
YES
KEY D
X
0
0
0
0
0
0
1
YES
KEY 1
X
0
0
0
0
0
1
0
YES
KEY 2
X
0
0
0
0
0
1
1
YES
KEY 3
X
0
0
0
0
1
0
0
YES
KEY 4
X
0
0
0
0
1
0
1
YES
KEY 5
X
0
0
0
0
1
1
0
YES
KEY 6
X
0
0
0
0
1
1
1
YES
KEY 7
X
0
0
0
1
0
0
0
YES
KEY 8
X
0
0
0
1
0
0
1
YES
KEY 9
X
0
0
0
1
0
1
0
YES
KEY 0
X
0
0
0
1
0
1
1
YES
KEY *
X
0
0
0
1
1
0
0
YES
KEY #
X
0
0
0
1
1
0
1
YES
KEY A
X
0
0
0
1
1
1
0
YES
KEY B
X
0
0
0
1
1
1
1
YES
KEY C
X
0
0
1
0
0
0
0
NO
Illegal value
X
0
0
1
0
0
0
1
NO
Illegal value
X
0
0
1
0
0
1
0
NO
PAUSE clear (Only valid during a pause.)
X
0
0
1
0
0
1
1
NO
FLASH (707 or 277 ms)
X
0
0
1
0
1
0
0
NO
STOP (Forced termination of a the current dialing operation.)
X
0
0
1
0
1
0
1
NO
RD (redial)
X
0
0
1
0
1
1
0
NO
MUTE ST
X
0
0
1
0
1
1
1
NO
MUTE END
X
0
0
1
1
0
0
0
NO
ON-HOOK
X
0
0
1
1
0
0
1
NO
OFF-HOOK
X
0
0
1
1
1
0
0
YES
MODE-CH (Pulse to tone single-direction change)
X
0
0
1
1
1
0
1
YES
PAUSE (Pause for either 2.0 or 4.0 seconds.)
X : Don’t care
Only bits D0 to D4 are written to RAM.
Mode Settings Command Table
Flash time
Hooking pause time
707.0 ms..................800.8 ms
277.3 ms..................1.23 s
Note that a hooking pause of 804.7 ms is also inserted automatically on a DP-off operation.
D7
D6
D5
D4
D3
D2
D1
D0
X
MODE
TEST
DPSEL
PAUSE
FLASH
P/T
DPR
X
(1)
(0)
(0) N-CH OD
(0) 4.0 s
(0) 707.0 ms
(0) Tone
(0) 20 pps
X
(1)
(0)
(0) CMP
(1) 2.0 s
(1) 277.3 ms
(1) Pulse
(1) 10 pps


유사한 부품 번호 - LC73701M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC73711 SANYO-LC73711 Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
LC737212 SANYO-LC737212 Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
LC737212M SANYO-LC737212M Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
More results

유사한 설명 - LC73701M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com