전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7120DN 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7120DN
상세설명  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7120DN 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7120DN Datasheet HTML 1Page - Vishay Siliconix SI7120DN Datasheet HTML 2Page - Vishay Siliconix SI7120DN Datasheet HTML 3Page - Vishay Siliconix SI7120DN Datasheet HTML 4Page - Vishay Siliconix SI7120DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7120DN
Vishay Siliconix
Document Number: 72771
S-51128—Rev. D, 13-Jun-05
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.02
0.04
0.06
0.08
0.10
0.0
5.0
10.0 15.0 20.0 25.0 30.0 35.0 40.0
0.0
2.0
4.0
6.0
8.0
10.0
0.0
6.0
12.0
18.0
24.0
30.0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
−50
−25
0
25
50
75
100
125
150
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
Coss
Ciss
VDS = 10 V
ID = 10 A
VGS = 10 V
ID = 10 A
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
40
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VGS = 4.5 V
VGS = 10 V
0.00
0.02
0.04
0.06
0.08
0.10
0.0
2.0
4.0
6.0
8.0
10.0
ID = 10 A
Crss
TJ = 25_C
TJ = 150_C


유사한 부품 번호 - SI7120DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7120DN-T1-E3 VISHAY-SI7120DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. E, 17-Mar-08
SI7120DN-T1-GE3 VISHAY-SI7120DN-T1-GE3 Datasheet
538Kb / 12P
   N-Channel 60-V (D-S) MOSFET
Rev. E, 17-Mar-08
More results

유사한 설명 - SI7120DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com