전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ280L 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 2SJ280L
상세설명  SILICON P-CHANNEL MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ280L 데이터시트(HTML) 6 Page - Hitachi Semiconductor

  2SJ280L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Reverse Drain Current vs.
Source to Drain Voltage
–50
–40
–30
–20
–10
0
0
–0.4
–0.8
–1.2
–1.6
–2.0
Source to Drain Voltage
V
(V)
SD
Pulse Test
–5 V
0, 5V
V
= –10 V
GS
Channel Temperature Tch (°C)
I
= –30 A
V
= –25 V
duty < 0.1%
Rg 50
DD
AP
>
=
Maxmum Avalanche Energy vs.
Channel Temperature Derating
100
80
60
40
20
0
25
50
75
100
125
150
V
Monitor
DS
I
Monitor
AP
VDD
Rg
Vin
–15 V
50
D.U.T
VDD
0
I D
I AP
VDS
V(BR)DSS
VDSS – VDD
VDSS
E
=
AR
2
1 • L • I
AP
2
L
Avalanche Test Circuit and Waveform
2SJ280 L , 2SJ280 S


유사한 부품 번호 - 2SJ280L

제조업체부품명데이터시트상세설명
logo
Sony Corporation
2SJ28 SONY-2SJ28 Datasheet
25Kb / 1P
   Function : Sony P Channel VFET for TA-N88 Class D AMP
logo
Sanyo Semicon Device
2SJ281 SANYO-2SJ281 Datasheet
83Kb / 3P
   Very High-Speed Switching Applications
2SJ284 SANYO-2SJ284 Datasheet
73Kb / 3P
   Very High-Speed Switching Applications
2SJ285 SANYO-2SJ285 Datasheet
72Kb / 3P
   Very High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SJ285 VBSEMI-2SJ285 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - 2SJ280L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com