전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK974 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 2SK974
상세설명  Silicon N-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK974 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  2SK974 Datasheet HTML 1Page - Hitachi Semiconductor 2SK974 Datasheet HTML 2Page - Hitachi Semiconductor 2SK974 Datasheet HTML 3Page - Hitachi Semiconductor 2SK974 Datasheet HTML 4Page - Hitachi Semiconductor 2SK974 Datasheet HTML 5Page - Hitachi Semiconductor 2SK974 Datasheet HTML 6Page - Hitachi Semiconductor 2SK974 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
500
200
100
50
20
10
5
0.2
0.5
2
20
Reverse Drain Current IDR (A)
5
1.0
10
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
Typical Capacitance vs.
Drain to Source Voltage
10000
3000
1000
300
30
10
010
20
50
Drain to Source Voltage VDS (V)
30
100
40
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
100
80
60
40
20
04
12
16
Gate Charge Qg (nc)
8
20
16
12
8
4
Dynamic Input Characteristics
20
VDS
VGS
VDD = 50 V
10 V
25 V
VDD = 50 V
25 V
10 V
ID = 3 A
0
Switching Characteristics
500
200
100
50
10
5
0.1
0.2
1.0
10
Drain Current ID (A)
2
0.5
5
20
td (off)
tf
VGS = 10 V
PW = 2
µs, duty < 1 %
td (on)
tr
2SK974 L , 2SK974 S


유사한 부품 번호 - 2SK974

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
2SK974. VBSEMI-2SK974. Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK974L ISC-2SK974L Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
2SK974S ISC-2SK974S Datasheet
261Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK974S VBSEMI-2SK974S Datasheet
1,001Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - 2SK974

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com