전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1052A 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SD1052A
상세설명  SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1052A 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SD1052A Datasheet HTML 1Page - Toshiba Semiconductor 2SD1052A Datasheet HTML 2Page - Toshiba Semiconductor 2SD1052A Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
This Material Copyrighted By Its Respective Manufacturer


유사한 부품 번호 - 2SD1052A

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
logo
Rohm
2SD1055 ROHM-2SD1055 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
More results

유사한 설명 - 2SD1052A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC2068 TOSHIBA-2SC2068 Datasheet
70Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1569 TOSHIBA-2SC1569 Datasheet
244Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
2SC2231 TOSHIBA-2SC2231 Datasheet
122Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2229 TOSHIBA-2SC2229_06 Datasheet
124Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
2SC3425 TOSHIBA-2SC3425_06 Datasheet
177Kb / 6P
   Silicon NPN Triple Diffused Type (PCT Process)
2SC2242 TOSHIBA-2SC2242 Datasheet
112Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1628 TOSHIBA-2SC1628 Datasheet
145Kb / 4P
   SILICON NPN TRIPLE DIFFUSED TRANSISTOR (PCT PROCESS)
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
   TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com