전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA955X 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA955X
상세설명  TV signal processor-Teletext decoder with embedded m-Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA955X 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA955X Datasheet HTML 1Page - NXP Semiconductors TDA955X Datasheet HTML 2Page - NXP Semiconductors TDA955X Datasheet HTML 3Page - NXP Semiconductors TDA955X Datasheet HTML 4Page - NXP Semiconductors TDA955X Datasheet HTML 5Page - NXP Semiconductors TDA955X Datasheet HTML 6Page - NXP Semiconductors TDA955X Datasheet HTML 7Page - NXP Semiconductors TDA955X Datasheet HTML 8Page - NXP Semiconductors TDA955X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
FUNCTIONAL DIFFERENCE BETWEEN THE VARIOUS IC VERSIONS
IC VERSION (TDA95XX PS)
50
51
52
53
54
60
61
62
63
64
65
66
67
80
81
82
83
84
85
86
87
88
TV range
90
° 90° 90° 110° 90° 90° 90° 110° 110° 110° 110° 90° 90° 90° 90° 90° 110° 110° 110° 110° 90° 110°
Mono intercarrier multi-standard
sound demodulator (4.5 - 6.5 MHz)
with switchable centre frequency
√√
√√√√
√√
√√
√√
Audio switch
√√
√√√√
√√
√√
√√
Automatic Volume Levelling
√√√√√√√
√√√√√
√√
Automatic Volume Levelling or
subcarrier output (for comb filter
applications)
√√√√√
√√√√
QSS sound IF amplifier with
separate input and AGC circuit
√√√√
AM sound demodulator without
extra reference circuit
√√√√
AM/FM option
√√
FM radio option (via QSS amplifier)
√√
FM radio option (with FM tuner)
√√
√√
√√
Dynamic Skin tone control
√√√√
√√√√√√√√√√√√√√√√√
PAL decoder
√√√√√√√√√√√√√√√√√√√√
SECAM decoder
√√√√√√
√√√
NTSC decoder
√√√√√√√√√√√√√√√√√√√√√√
Horizontal geometry (E-W)
√√√√
√√√√
Horizontal and Vertical Zoom
√√√√
√√√√
ROM size
32 -
64 k
32 -
64 k
32 -
64 k
32 -
64 k
32 -
64 k
64-
128k
64-
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 k 64 k 64 k 64 k 64 k 64 k 64 k 64 k 64 k
User RAM size
1 k
1 k
1 k
1 k
1 k
2 k
2 k
2 k
2 k
2 k
2 k
2 k
2 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
Teletext
1
page
1
page
1
page
1
page
1
page
10
page
10
page
10
page
10
page
10
page
10
page
10
page
10
page
Closed captioning
√√√√√√√√√√√√√√√√√√√√√√


유사한 부품 번호 - TDA955X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
   7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
More results

유사한 설명 - TDA955X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Renesas Technology Corp
M65582AMF-XXXFP RENESAS-M65582AMF-XXXFP Datasheet
514Kb / 46P
   NTSC TV Signal Processor with MCU
M61280M8-XXXFP RENESAS-M61280M8-XXXFP Datasheet
1Mb / 54P
   NTSC TV Signal Processor with MCU
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
   TELETEXT DECODER WITH 4 INTERGATED PAGES
logo
AAEON Technology
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com