전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM366S1623CTY-GL 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KMM366S1623CTY-GL
상세설명  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623CTY-GL 데이터시트(HTML) 3 Page - Samsung semiconductor

  KMM366S1623CTY-GL Datasheet HTML 1Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623CTY-GL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PC100 SDRAM MODULE
KMM366S1623CTY
REV. 0 August 1998
Preliminary
FUNCTIONAL BLOCK DIAGRAM
A0 ~ An, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U7
10
DQn
Every DQpin of SDRAM
DQM0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS
CS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS
DQM1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM CS
DQM5
DQM4
DQM2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS
CS2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS
DQM3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS
DQM7
DQM6
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U8
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U9
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U10
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U11
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U12
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U13
DQM CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U14
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U15
DQM
CS
CS1
CS3
CKE1
SDRAM U8 ~ U15
10K
VDD
VDD
Vss
Two 0.1uF Capacitors
per each SDRAM
To all SDRAMs
U0/U1/U2/U3
U4/U5/U6/U7
10
CLK0/1/2/3
U8/U9/U10/U11
U12/U13/U14/U15
3.3pF
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K


유사한 부품 번호 - KMM366S1623CTY-GL

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM366S1623CT-G8 SAMSUNG-KMM366S1623CT-G8 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GH SAMSUNG-KMM366S1623CT-GH Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
KMM366S1623CT-GL SAMSUNG-KMM366S1623CT-GL Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
More results

유사한 설명 - KMM366S1623CTY-GL

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM374S403CT SAMSUNG-KMM374S403CT Datasheet
152Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com