전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4026 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 2SC4026
상세설명  For high breakdown voltage high-speed switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4026 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  2SC4026 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4026 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4026 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SC4026
Area of safe operation, reverse bias ASO
Reverse bias ASO measuring circuit
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
0.1
1
10
100
10000
1000
Note: R
th was measured at Ta=25˚C and under natural convection.
(1) P
T=10V × 0.3A (3W) and without heat sink
(2) P
T=10V × 1.0A (10W) and with a 100 × 100 × 2mm Al heat sink
(1)
(2)
Time t (s)
0
800
200
600
400
700
100
500
300
0
8
6
2
5
7
4
1
3
L
coil=200µH
I
C/IB1=5
(I
B1=–IB2)
T
C=25˚C
I
C
Collector to emitter voltage V
CE
(V)
L coil
I
C
I
B1
V
in
t
W
–I
B2
Vclamp
V
CC
T.U.T


유사한 부품 번호 - 2SC4026

제조업체부품명데이터시트상세설명
logo
Savantic, Inc.
2SC4026 SAVANTIC-2SC4026 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4026 JMNIC-2SC4026 Datasheet
184Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4026 ISC-2SC4026 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4026 SAVANTIC-2SC4026 Datasheet
135Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4026 JMNIC-2SC4026 Datasheet
184Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC4026

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAW78A-BAW79D SIEMENS-BAW78A-BAW79D Datasheet
86Kb / 3P
   Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
logo
Panasonic Semiconductor
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3978 PANASONIC-2SC3978 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3979 PANASONIC-2SC3979 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com