전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2424 데이터시트(PDF) 1 Page - Hitachi Semiconductor

부품명 2SK2424
상세설명  High speed power switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2424 데이터시트(HTML) 1 Page - Hitachi Semiconductor

  2SK2424 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2424 Datasheet HTML 2Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application
High speed power switching
Features
• Low on–resistance
• High speed switching
• Low drive current
• No Secondary Breakdown
• Suitable for Switching regulator, DC – DC
converter
Table 1 Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
———————————————————————————————————————————
Drain to source voltage
VDSS
450
V
———————————————————————————————————————————
Gate to source voltage
VGSS
±30
V
———————————————————————————————————————————
Drain current
ID
8A
———————————————————————————————————————————
Drain peak current
ID(pulse)*32
A
———————————————————————————————————————————
Body–drain diode reverse drain current
IDR
8A
———————————————————————————————————————————
Channel dissipation
Pch**
35
W
———————————————————————————————————————————
Channel temperature
Tch
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
*
PW
≤ 10 µs, duty cycle ≤ 1 %
**
Value at Tc = 25 °C
1 2
3
1
2
3
TO–220CFM
1. Gate
2. Drain
3. Source
2SK2424
Silicon N Channel MOS FET


유사한 부품 번호 - 2SK2424

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2424 ISC-2SK2424 Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2424

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
2SK3147L RENESAS-2SK3147L_15 Datasheet
246Kb / 8P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com