전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC16240TTR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 74VHC16240TTR
상세설명  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16240TTR 데이터시트(HTML) 5 Page - STMicroelectronics

  74VHC16240TTR Datasheet HTML 1Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 2Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 3Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 4Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 5Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 6Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 7Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 8Page - STMicroelectronics 74VHC16240TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74VHC16240
5/10
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Note 1 : Parameter guaranteed by design. tsoLH =|tpLHm -tpLHn|, tsoHL =|tpHLm -tpHLn|
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per
circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.3
8.4
1.0
10.0
1.0
10.0
ns
3.3(*)
50
7.8
11.9
1.0
13.5
1.0
13.5
5.0(**)
15
3.6
6.0
1.0
6.5
1.0
7.0
5.0(**)
50
5.1
8.0
1.0
8.5
1.0
9.0
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL =1K
6.6
10.6
1.0
12.5
1.0
12.5
ns
3.3(*)
50
RL =1K
9.1
14.1
1.0
16.0
1.0
16.0
5.0(**)
15
RL =1K
4.7
7.3
1.0
8.5
1.0
8.5
5.0(**)
50
RL =1K
6.2
9.3
1.0
10.5
1.0
10.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
RL =1K
10.3
14.0
1.0
16.0
1.0
16.0
ns
5.0(**)
50
RL =1K
6.7
9.2
1.0
10.5
1.0
10.5
tOSLH
tOSHL
Output to Output
Skew time (note 1)
3.3(*)
50
1.5
1.5
1.5
ns
5.0(**)
50
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
COUT
Output
Capacitance
8pF
CPD
Power Dissipation
Capacitance
(note 1)
20
pF


유사한 부품 번호 - 74VHC16240TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHC16244TTR STMICROELECTRONICS-74VHC16244TTR Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHC16245 STMICROELECTRONICS-74VHC16245 Datasheet
249Kb / 10P
   16-BIT BUS TRANSCEIVER
74VHC16245TTR STMICROELECTRONICS-74VHC16245TTR Datasheet
249Kb / 10P
   16-BIT BUS TRANSCEIVER
More results

유사한 설명 - 74VHC16240TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com