전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1839AAS-REEL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD1839AAS-REEL
상세설명  2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1839AAS-REEL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD1839AAS-REEL Datasheet HTML 6Page - Analog Devices AD1839AAS-REEL Datasheet HTML 7Page - Analog Devices AD1839AAS-REEL Datasheet HTML 8Page - Analog Devices AD1839AAS-REEL Datasheet HTML 9Page - Analog Devices AD1839AAS-REEL Datasheet HTML 10Page - Analog Devices AD1839AAS-REEL Datasheet HTML 11Page - Analog Devices AD1839AAS-REEL Datasheet HTML 12Page - Analog Devices AD1839AAS-REEL Datasheet HTML 13Page - Analog Devices AD1839AAS-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD1839A
Rev. B | Page 10 of 24
FREQUENCY (kHz)
200
0
50
100
150
0
–50
–100
–150
Figure 10. DAC Composite Filter Response, fS = 192 kHz
FREQUENCY (kHz)
20
0
0.10
0.05
–0.10
0
–0.05
510
15
Figure 11. DAC Composite Filter Response, fS = 48 kHz (Pass-Band Section)
FREQUENCY (kHz)
50
0
10
20
30
40
0.2
0.1
–0.2
0
–0.1
Figure 12. DAC Composite Filter Response, fS = 96 kHz (Pass-Band Section)
FREQUENCY (kHz)
100
0
0.10
0.05
–0.10
0
–0.05
20
40
60
80
Figure 13. DAC Composite Filter Response, fS = 192 kHz (Pass-Band Section)


유사한 부품 번호 - AD1839AAS-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1839AS AD-AD1839AS Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839AS-REEL AD-AD1839AS-REEL Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A_15 Datasheet
681Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
More results

유사한 설명 - AD1839AAS-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A_15 Datasheet
681Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com