전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5425YRM-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5425YRM-REEL
상세설명  8-Bit, High Bandwidth Multiplying DAC with Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5425YRM-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5425YRM-REEL Datasheet HTML 4Page - Analog Devices AD5425YRM-REEL Datasheet HTML 5Page - Analog Devices AD5425YRM-REEL Datasheet HTML 6Page - Analog Devices AD5425YRM-REEL Datasheet HTML 7Page - Analog Devices AD5425YRM-REEL Datasheet HTML 8Page - Analog Devices AD5425YRM-REEL Datasheet HTML 9Page - Analog Devices AD5425YRM-REEL Datasheet HTML 10Page - Analog Devices AD5425YRM-REEL Datasheet HTML 11Page - Analog Devices AD5425YRM-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
–8–
AD5425
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VBIAS (V)
0.5
0
1.0
1.5
2.0
MAX INL BIAS
MIN INL BIAS
TA = 25 C
VDD = 5V
VREF = 2.5V
MAX DNL BIAS
MIN DNL BIAS
TPC 10. Linearity vs. VBIAS
Voltage Applied to IOUT2
–0.8
–0.6
–0.4
–0.2
0
0.2
110
100
1k
10k 100k 1M
100M
FREQUENCY (Hz)
TA = 25 C
VDD = 5V
VREF =
3.5V
CCOMP = 1.8pF
AD5445 AMPLIFIER
10M
TPC 13. Reference Multiplying
Bandwidth—All 1s Loaded
–9
–6
–3
0
3
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25 C
VDD = 5V
AD8038 AMPLIFIER
VREF = 2V, AD8038 CC 1.47pF
VREF = 2V, AD8038 CC 1pF
VREF = 0.15V, AD8038 CC 1pF
VREF = 0.15V, AD8038 CC 1.47pF
VREF = 3.51V, AD8038 CC 1.8pF
TPC 16. Reference Multiply-
ing Bandwidth vs. Frequency
and Compensation Capacitor
VOLTAGE (V)
5.5
1.8
1.6
0
0.8
0.6
0.4
0.2
1.4
1.0
1.2
5.0
4.5
4.0
3.5
3.0
2.5
TA = 25 C
VIL
VIH
TPC 12. Threshold Voltages
vs. Supply Voltage
–102
–66
–54
–42
–30
–18
–6
6
110
100
1k
10k 100k 1M 10M 100M
FREQUENCY (Hz)
TA = 25 C
LOADING
ZS TO FS
0
–60
–48
–36
–24
–12
–84
–72
–78
–90
–96
TA = 25 C
VDD = 5V
VREF =
3.5V
INPUT
CCOMP = 1.8pF
AD5445 AMPLIFIER
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
TPC 15. Reference Multiply-
ing Bandwidth vs. Frequency
and Code
–120
–100
–80
–60
0
20
110
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–40
–20
TA = 25 C
VDD = 3V
AMP = AD8038
FULL SCALE
ZERO SCALE
TPC 18. Power Supply Rejec-
tion vs. Frequency
INPUT VOLTAGE (V)
0.7
0.6
0
0.5
0.4
0.3
5
4
3
2
1
0
0.2
0.1
VDD = 3V
VDD = 2.5V
VDD = 5V
TA = 25 C
TPC 11. Supply Current vs.
Input Voltage
TIME (ns)
0.060
–0.020
0.050
0.020
0.010
0.000
–0.010
0.040
0.030
300
250
200
150
100
50
0
TA = 25 C
VREF = 0V
AD8038 AMP
CCOMP = 1.8pF
AD5443
VDD 3V, 0V REF
NRG = 0.088nVs
800H TO 7FFH
VDD 5V, 0V REF
NRG = 0.119nVs,
800H TO 7FFH
VDD 3V, 0V REF
NRG = 1.877nVs
7FFH TO 800H
VDD 5V, 0V REF
NRG = 2.049nVs
7FFH TO 800H
TPC 14. Midscale Transition,
VREF = 3.5 V
–90
–85
–80
–65
–60
110
100
1k
10k
100k
1M
FREQUENCY (Hz)
–75
–70
TA = 25 C
VDD = 3V
VREF = 3.5V p-p
TPC 17. THD and Noise vs.
Frequency


유사한 부품 번호 - AD5425YRM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5425YRM-REEL AD-AD5425YRM-REEL Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425YRM-REEL7 AD-AD5425YRM-REEL7 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
More results

유사한 설명 - AD5425YRM-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com