전자부품 데이터시트 검색엔진 |
|
ADM3082AN 데이터시트(PDF) 2 Page - Analog Devices |
|
ADM3082AN 데이터시트(HTML) 2 Page - Analog Devices |
2 / 14 page ADM3082/ADM3085/ADM3088 –2 – PRELIMINARY TECHNICAL DATA ADM3082/ADM3085/ADM3088 SPECIFICATIONS DCELECTRICALCHARACTERISTICS (VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1) DRIVER Parameter Min Typ Max Units Test Conditions/Comments Differential Driver Output, VOD1 5 V Figure 1 (No Load) Differential Driver Output,VOD2 2.0 V Figure 1, R = 50 (RS-422) 1.5 V Figure 1, R = 27 (RS-485) Change-in-Magnitude of Differential 0.2 V Figure 1, R = 50 or R = 27 Common-Mode Output Voltage, VOD (Note 2) Driver Common-Mode 3 V Figure 1, R = 50 or R = 27 Output Voltage, VOC Change-in-Magnitude of 0.2 V Figure 1, R = 50 or R = 27 Common-Mode Voltage, VOC (Note 2) Input High Voltage,VIH1 2.0 V (DE, DI, RE) Input Low Voltage, VlL1 0.8 V (DE, DI, RE) DI Input Hysteresis, VHYS 100 m V Input Current, IIN1 (DE, DI, RE)±2 µ A Input Current (A and B), IIN4 125 µ A DE = GND, VCC = GND or 5.25V, VIN = 12V –75 µ A DE = GND, VCC = GND or 5.25V, VIN = –7V Output Leakage (Y and Z), 125 µ A DE = GND, VCC = GND or 5.25V, Full Duplex, IO VIN = 12V –100 µ A DE = GND, VCC = GND or 5.25V, VIN = –7V Driver Short-Circuit,VOD1 –250 m A –7V VOUT VCC (Note 3) Output Current 250 m A 0V VOUT 12V (Note 3) ±25 m A 0V VOUT VCC (Note 3) REV. PrA 02/02 |
유사한 부품 번호 - ADM3082AN |
|
유사한 설명 - ADM3082AN |