전자부품 데이터시트 검색엔진 |
|
CX65003 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
CX65003 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 12 page Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 101468E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 11, 2004 1 DATA SHEET CX65003: 1400 – 2500 MHz Linear Power Amplifier Driver Applications • PCS/DCS/2.5G/3G base stations • Wireless Local Area Networks (WLANs) • GSM/CDMA/W-CDMA handsets • Wireless Local Loop (WLL) and Industrial, Scientific, Medical (ISM) bands • Repeaters • Telematics Features • 5 V single supply operation • Linear POUT of 24.5 dBm • OIP3 of 48 dBm • Excellent W-CDMA performance • Internal bias circuits • 8-pin SOIC 5.994 x 4.928 mm package with downset paddle 1 2 3 4 8 7 6 5 C1215 NC VB RFIN Y VCC1 RFOUT RFOUT VCC2 Figure 1. CX65003 Pinout – 8-Pin SOIC Package (Top View) Description Skyworks CX65003 power amplifier driver offers a desirable combination of features that provide superb performance and ease of use in a low-cost Surface-Mounted Technology (SMT) package. This Gallium Arsenide (GaAs) Heterojunction Bipolar Transistor (HBT) power amplifier driver was developed and optimized for extreme linear performance in a variety of applications. It is ideal as a driver or output stage in transceivers and repeaters for Wideband Code Division Multiple Access (W-CDMA) and CDMA2000 applications. The 8-pin Small Outline Integrated Circuit (SOIC) device package and pinout are shown in Figure 1. Figure 2 shows a functional block diagram for the CX65003. Signal pin assignments and functional pin descriptions are provided in Table 1. Driver Bias Input Bias VCC1 8 5 2 36 7 4 Y VCC2 VB RFIN RFOUT PA C1216 Figure 2. CX65003 Functional Block Diagram |
유사한 부품 번호 - CX65003 |
|
유사한 설명 - CX65003 |