전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3873IK 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL3873IK
상세설명  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873IK 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL3873IK Datasheet HTML 1Page - Intersil Corporation ISL3873IK Datasheet HTML 2Page - Intersil Corporation ISL3873IK Datasheet HTML 3Page - Intersil Corporation ISL3873IK Datasheet HTML 4Page - Intersil Corporation ISL3873IK Datasheet HTML 5Page - Intersil Corporation ISL3873IK Datasheet HTML 6Page - Intersil Corporation ISL3873IK Datasheet HTML 7Page - Intersil Corporation ISL3873IK Datasheet HTML 8Page - Intersil Corporation ISL3873IK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
ISL3873 Signal Descriptions
HOST INTERFACE PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
HA0-9
5V tol, CMOS, Input, 50K Pull Down
Host PC Card Address Input, Bits 0 to 9
HCE1-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Select, Low Byte
HCE2-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Select, High Byte
HD0-15
5V tol, BiDir, 2mA, 50K Pull Down
Host PC Card Data Bus, Bit 0 to 15
HINPACK-
CMOS Output, 2mA
Host PC Card I/O Decode Confirmation
HIORD-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card I/O Space Read Strobe
HIOWR-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card I/O Space Write Strobe
HRDY/HIREQ-
CMOS Output, 4mA
Host PC Card interrupt Request (I/O Mode), also used as PC Card
Ready (Memory Mode) output which is asserted to indicate card
initialization is complete
HOE-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Memory Attribute Space Output Enable
HREG-
5V tol, CMOS, Input, 50K Pull Up
Host PC Card Attribute Space Select
RESET
5V tol, CMOS, ST Input, 50K Pull Up
Hardware Reset. Self-asserted by internal pull-up at power-on. Clock
signal CLKIN or XTALIN must be available before negation of Reset.
Value of MD[15..0] copied to MDIR[15..0] and various control register
bits on the first MCLK following release of Reset
HSTSCHG-
CMOS Output, 4mA
Host PC Card Status Change
HWAIT-
CMOS Output, 4mA
Host Wait, asserted to indicate data transfer not complete and to force
force host bus wait states
HWE-
5V tol, CMOS Input, 50K Pull Up
Host PC Card Memory Attribute Space Write Enable
USB INTERFACE PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
USB+
CMOS BiDir, 2mA, (Also USB Transceiver)
USB, MBUS Address Bit 20, or I/O as PL5
USB-
CMOS BiDir, 2mA, (Also USB Transceiver)
USB, MBUS Address Bit 21, or I/O as PL6
USB_DETECT
Input, 5V tolerant, pull-down
Sense USB VBUS to indicate cable attachment
MEMORY INTERFACE PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
MUBE- / MA0 /
MWEH-
CMOS TS Output, 2mA
MBUS Upper Byte Enable for x16 Memory; MBUS Address Bit 0 (byte)
for x8 Memory; High Byte Write Enable for 2 x8 Memories
MA1-18
CMOS TS Output, 2mA
MBUS Address Bits 1 to 18
PL4-MA19
CMOS BiDir, 2mA
MBUS Address Bit 19
MLBE-
CMOS TS Output, 2mA, 50K Pull Up
MBUS Lower Byte Enable, or I/O as PM2
MOE-
CMOS TS Output, 2mA
Memory Output Enable
MWE- / MWEL-
CMOS TS Output, 2mA
Low (or only) Byte Memory Write Enable
RAMCS-
CMOS TS Output, 2mA
RAM Select
NVCS-
CMOS TS Output, 2mA
NV Memory Select
MD0-7
5V tol, CMOS, BiDir, 2mA, 100K Pull Up
MBUS Low Data Byte, Bits 0 to 7
MD8-15
5V tol, CMOS, BiDir, 2mA
50K Pull-Downs on MD15, MD14, MD13, MD11,
MD10, MD09
50K Pull-Ups MD12, MD08
MBUS High Data Byte, Bits 8 to 15
Default power up states are defined by pull-up and pull-down internal
resistors as shown. Device defaults to external EEPROM for boot up
mode. Using external 10K resistors, configure these pins according to
Table 4 to change power-up configuration
ISL3873


유사한 부품 번호 - ISL3873IK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873AIK INTERSIL-ISL3873AIK Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873AIK-TK INTERSIL-ISL3873AIK-TK Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

유사한 설명 - ISL3873IK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com