전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE967 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE967
상세설명  Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE967 데이터시트(HTML) 1 Page - NTE Electronics

  NTE967 Datasheet HTML 1Page - NTE Electronics NTE967 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE967
Linear Integrated Circuit
Voltage Regulator, Negative, –12V, 1A
Description:
The NTE967 is a negative voltage regulator in a TO220 type package that employs current limiting,
thermal shutdown, and safe–area compensation which makes it remarkably rugged under most oper-
ating conditions. With adequate heat–sinking they can deliver output currents in excess of 1.0 am-
peres.
Features:
D Thermal Short Circuit and safe Area Protection
D High Ripple Rejection
Absolute Maximum Ratings:
Input Voltage, VIN
–40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input–Output Differential
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 1), PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
0
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+230
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. For calculations of junction temperature rise due to power dissipation, thermal resistance
junction–to–ambient (RthJA) is 50°C/W (no heat sink) and 5°C/W (infinite heat sink).
Electrical Characteristics: (IO = 500mA, CIN = 2.2µF, COUT = 1µF, PD = 1.5W, TJ = 0° to +125°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
–11.5
–12.0
–12.5
V
5mA
≤ IO ≤ 1A, PO ≤ 15W,
–27V
≤ VIN ≤ –14.5V
–11.4
–12.0
–12.6
V
Line Regulation
RegLine
TJ = +25°C,
–30V
≤ VIN ≤ –14.5V
5
80
mV
Note 2
–22V
≤ VIN ≤ –16V
3
30
Load Regulation
RegLoad
TJ = +25°C,
5mA
≤ IO ≤ 1.5A
15
200
mV
Note 2
250mA
≤ IO ≤ 750mA
5
75
mV


유사한 부품 번호 - NTE967

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE9672 NTE-NTE9672 Datasheet
21Kb / 2P
   Integrated Circuit High Threshold Logic (HTL) Quad, 2-Input NAND Gate
More results

유사한 설명 - NTE967

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
NTE959 NTE-NTE959 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -18V, 1A
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
NTE969 NTE-NTE969 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1915 NTE-NTE1915 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator -12V, 1.5A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE7128 NTE-NTE7128 Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com