전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE967 데이터시트(PDF) 2 Page - NTE Electronics

부품명 NTE967
상세설명  Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE967 데이터시트(HTML) 2 Page - NTE Electronics

  NTE967 Datasheet HTML 1Page - NTE Electronics NTE967 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (IO = 500mA, CIN = 2.2µF, COUT = 1µF, PD = 1.5W, TJ = 0° to +125°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IB
TJ = +25°C
1.5
3.0
mA
Quiescent Current Change
∆IB
–30V
≤ VIN ≤ –14.5V
0.5
mA
5mA
≤ IO ≤ 1A
0.5
Ripple Rejection
RR
–25V
≤ VIN ≤ –15V, f = 120Hz
54
70
dB
Dropout Voltage
VIN – VO
TJ = +25°C, IO = 1A
1.1
V
Output Noise Voltage
Vn
TA = +25°C, 10Hz ≤ f ≤ 100kHz
300
µV/VO
Peak Output Current
Imax
TJ = +25°C
2.2
A
Average Temperature
Coefficient of Output
Voltage
TCVO
IO = 5mA, 0° ≤ TJ ≤ +100°C
–0.8
mV/
°C
Note 2. Regulation is measured at a contant junction temperature by pulse teting with a low duty
cycle. Changes in output voltage due to heating effects must be taken into account.
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78)
Max
.100 (2.54)
GND
VIN/Tab
VOUT
.110 (2.79)


유사한 부품 번호 - NTE967

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE9672 NTE-NTE9672 Datasheet
21Kb / 2P
   Integrated Circuit High Threshold Logic (HTL) Quad, 2-Input NAND Gate
More results

유사한 설명 - NTE967

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
NTE959 NTE-NTE959 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -18V, 1A
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
NTE969 NTE-NTE969 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1915 NTE-NTE1915 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator -12V, 1.5A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE7128 NTE-NTE7128 Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com