전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11693 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB11693
상세설명  Three-Phase Brushless Motor Driver for 24 V Fan Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11693 Datasheet HTML 2Page - Sanyo Semicon Device LB11693 Datasheet HTML 3Page - Sanyo Semicon Device LB11693 Datasheet HTML 4Page - Sanyo Semicon Device LB11693 Datasheet HTML 5Page - Sanyo Semicon Device LB11693 Datasheet HTML 6Page - Sanyo Semicon Device LB11693 Datasheet HTML 7Page - Sanyo Semicon Device LB11693 Datasheet HTML 8Page - Sanyo Semicon Device LB11693 Datasheet HTML 9Page - Sanyo Semicon Device LB11693 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
No.8095-6/12
LB11693
Pin No.
Pin Name
Pin Description
Equivalent circuit
10
FC
Control loop frequency characteristics correction
Insert a capacitor between this pin and ground.
10
VREG
300
11
CSD
Sets the operating time constant for the constraint
protection circuit.
VREG
300
11
12
FG
Hall sensor FG output (This is an open-collector output.)
VREG
12
13
RD
Motor constraint state detection (This is an open-collector
output.)
This pin outputs a high level if the motor is mechanically
constrained, and it outputs a low level when the motor is
turning.
VREG
13
14
PWM IN
PWM pulse input
When low, the outputs are turned on, and when high or
open, the outputs are turned off. When these pins are
used for control, connect the EI– pin to ground and the
EI+ pin to the TOC pin.
VREG
30 k
5 k
14
40 k
Continued from preceding page.
Continued on next page.


유사한 부품 번호 - LB11693

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

유사한 설명 - LB11693

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com