전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5162 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 SM5162
상세설명  RF remote control encoder paired with SM5172.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5162 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM5162 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
OCT. 2001
Single Resistor Oscillator
SM5162's oscillator be constructed by connecting a resistor between OSC1 and OSC2 pin.
SM5172's OSC frequency must be 1.8 to 5.8 times more than SM5162.
300
0
36
9
12
15 VOLTAGE
R = 100 K
R = 300 K
R = 620 K
R = 680 K
R = 820 K
R = 1.0 M
200
100
50
110
250
R = 510K
R = 1.2 M
R = 2.7 M
R = 3.0 M
R = 3.3 M
R = 4.3 M
Encoder OSC Frequency
Dncoder OSC Frequency
Suggested oscillator resistor of SM5162/ SM5172:
SM5162
SM5172
4.7M OHM
820K OHM
3.0M OHM
620K OHM
2.2M OHM
300K OHM
1.2M OHM
180K OHM
KHz
100
KHz
0
36
9
12
15 VOLTAGE
90
80
70
60
50
40
30
20
10
SM5162
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


유사한 부품 번호 - SM5162

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results

유사한 설명 - SM5162

제조업체부품명데이터시트상세설명
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com