전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8130AR-REEL72 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8130AR-REEL72
상세설명  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8130AR-REEL72 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8130AR-REEL72 Datasheet HTML 7Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 8Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 9Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 10Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 11Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 12Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 13Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 14Page - Analog Devices AD8130AR-REEL72 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. 0
AD8129/AD8130
–11–
FREQUENCY – MHz
–51
1
–57
–63
–69
–75
–81
–87
10
40
VOUT = 1V p-p
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
TPC 46. AD8129 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
10
40
–96
–66
–72
–78
–84
–90
–60
–54
VOUT = 1V p-p
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
TPC 49. AD8129 Third Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–44
–50
–56
–62
–68
–74
–80
10
40
VS = 2.5V
G = 20
G = 10
VOUT = 2V p-p
VOUT = 1V p-p
TPC 52. AD8129 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
–42
1
–48
–54
–60
–66
–72
–78
10
40
VOUT = 2V p-p
–84
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
G = 10
G = 20
TPC 47. AD8129 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–45
–51
–57
–63
–69
–75
–81
–87
10
40
VOUT = 2V p-p
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
G = 10,
VS = 12V
G = 10,
VS = 5V
TPC 50. AD8129 Third Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–42
–48
–54
–60
–66
–72
–78
–84
10
40
VS = 2.5V
–90
G = 20
G = 10
VOUT = 1V p-p
VOUT = 2V p-p
TPC 53. AD8129 Third Harmonic
Distortion vs. Frequency
VOUT – V p-p
1
10
–62
–68
–74
–80
–86
–56
–50
fC = 5MHz
0.5
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
TPC 48. AD8129 Second Harmonic
Distortion vs. Output Voltage
VOUT – V p-p
–48
–84
0.5
–54
–60
–66
–72
–78
110
fC = 5MHz
–90
–96
G = 10,
VS = 12V
G = 10,
VS = 5V
G = 20,
VS = 12V
G = 20,
VS = 5V
TPC 51. AD8129 Third Harmonic
Distortion vs. Output Voltage
VOUT – V p-p
–50
0
–56
–62
–68
–74
–80
–86
0.5
1.0
1.5
2.0
2.5
3.0
VS = 2.5V
fC = 5MHz
G = 20
HD2
G = 20
HD3
G = 10
HD3
G = 10
HD2
TPC 54. AD8129 Harmonic Distor-
tion vs. Output Voltage
AD8129 Harmonic Distortion Characteristics
(RL = 1 k , CL = 2 pF, TA = 25 C, unless otherwise noted.)


유사한 부품 번호 - AD8130AR-REEL72

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8130AR-REEL7 AD-AD8130AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

유사한 설명 - AD8130AR-REEL72

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com