전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6332UR15D1 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 GS6332UR15D1
상세설명  3 Pin, Low-Power, P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332UR15D1 데이터시트(HTML) 5 Page - Vishay Siliconix

  GS6332UR15D1 Datasheet HTML 1Page - Vishay Siliconix GS6332UR15D1 Datasheet HTML 2Page - Vishay Siliconix GS6332UR15D1 Datasheet HTML 3Page - Vishay Siliconix GS6332UR15D1 Datasheet HTML 4Page - Vishay Siliconix GS6332UR15D1 Datasheet HTML 5Page - Vishay Siliconix GS6332UR15D1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
Document Number 74810
www.vishay.com
22-May-02
5
140
145
150
155
165
170
40
--20
10
70
--50
130
100
40
--20
10
70
--50
130
100
160
Fig. 4 – Reset Time vs. Temperature
Temperature (
°C)
0
0.4
0.8
1.6
2
01
2
3
4
5
1.2
Fig. 7 – ICC vs. VCC
VCC (V)
37
38
39
40
42
43
020
--20
40
--40
60
80
100
41
Fig. 8 – TD1 Delay vs. Temperature
Temperature (
°C)
Fig. 6 – Reset Vth vs. Temperature
Temperature (
°C)
2.10
2.15
2.20
2.25
2.30
2.35
Fig. 5 – ICC vs. Temperature
Temperature (
°C)
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
40
--20
10
70
--50
130
100
GS6333UR25D3
GS6333UR25D3
GS6333UR25D3
85
°C
40
°C
0
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


유사한 부품 번호 - GS6332UR15D1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS6-1 ETC2-GS6-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-10 ETC2-GS6-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-16 ETC2-GS6-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-2.5 ETC2-GS6-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-25 ETC2-GS6-25 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

유사한 설명 - GS6332UR15D1

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com