전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF25NM60N 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STF25NM60N
상세설명  N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25NM60N 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STF25NM60N Datasheet HTML 4Page - STMicroelectronics STF25NM60N Datasheet HTML 5Page - STMicroelectronics STF25NM60N Datasheet HTML 6Page - STMicroelectronics STF25NM60N Datasheet HTML 7Page - STMicroelectronics STF25NM60N Datasheet HTML 8Page - STMicroelectronics STF25NM60N Datasheet HTML 9Page - STMicroelectronics STF25NM60N Datasheet HTML 10Page - STMicroelectronics STF25NM60N Datasheet HTML 11Page - STMicroelectronics STF25NM60N Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STP25NM60N - STF25NM60N - STB25NM60N/-1 - STW25NM60N
Table 9: Revision History
Date
Revision
Description of Changes
30-Nov-2004
1
First Release.
22-Mar-2005
2
Modified title
23-May-2005
3
Inserted some values in Tab7
08-Jun-2005
4
Inserted new row in table 6


유사한 부품 번호 - STF25NM60N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF25NM60N STMICROELECTRONICS-STF25NM60N Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STF25NM60N STMICROELECTRONICS-STF25NM60N Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STF25NM60ND STMICROELECTRONICS-STF25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STF25NM60ND STMICROELECTRONICS-STF25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
logo
Inchange Semiconductor ...
STF25NM60ND ISC-STF25NM60ND Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STF25NM60N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com