부품명
         상세내용
MXD7210GL

 Low Cost, Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs ( 10 Page)


ETC
100% 
Zoom Out Zoom In
 
 1 page
background image
MEMSIC MXD7210GL/HL/ML/NL
Page 1 of 10
2003.08.04
Computer Peripherals
Low Cost, Low Noise
±10 g Dual
Axis Accelerometer with Digital
Outputs
MXD7210GL/HL/ML/NL
FEATURES
Low cost
Resolution better than 1milli-g at 1Hz
Dual axis accelerometer fabricated on a monolithic
CMOS IC
On chip mixed signal processing
No moving parts; No loose particle issues
>50,000 g shock survival rating
5mm X 5mm X 2mm LCC package
2.7V to 5.25V single supply continuous operation
Compensated for Sensitivity over temperature
Ultra low initial Zero-g Offset
No adjustment needed outside
APPLICATIONS
Information Appliances
Alarms and Motion Detectors
Disk Drives
Vehicle Security
MXD7210GL/HL/ML/NL FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The MXD7210GL/HL/ML/NL is a low cost, dual axis
accelerometer fabricated on a standard, submicron CMOS
process. It is a complete sensing system with on-chip mixed
signal processing. The MXD7210GL/HL/ML/NL measures
acceleration with a full-scale range of
±10 g and a sensitivity
of 4%/g @5V. It can measure both dynamic acceleration
(e.g. vibration) and static acceleration (e.g. gravity). The
MXD7210GL/HL/ML/NL design is based on heat
convection and requires no solid proof mass.
This eliminates stiction and particle problems associated with
competitive devices and provides shock survival greater than
50,000 g, leading to significantly lower failure rate and lower
loss due to handling during assembly and at customer field
application.
The MXD7210GL/HL/ML/NL provides two digital outputs
that are set to 50% duty cycle at zero g acceleration. The
outputs are digital with duty cycles (ratio of pulse width to
period) that are proportional to acceleration. The duty cycle
outputs can be directly interfaced to a microprocessor.
The typical noise floor is 0.4 mg/ Hz allowing signals
below 1milli-g to be resolved at 1 Hz bandwidth. The
MXR7210GL/HL/ML/NL is packaged in a hermetically
sealed LCC surface mount package (5 mm x 5 mm x 2 mm
height) and is operational over a 0°C to 70°C(GL/HL) or a -
40
°C to +85°C(ML/NL) temperature range.
Information furnished by MEMSIC is believed to be accurate and reliable. However,
no responsibility is assumed by MEMSIC for its use, nor for any infringements of
patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of MEMSIC.
MEMSIC, Inc.
800 Turnpike St., Suite 202, North Andover, MA 01845
Tel: 978.738.0900
Fax: 978.738.0196
www.memsic.com
1  2  3  4  5  6  7  8  9  10 



관련 부품명

부품명상세내용Html View제조사
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020ELUltra Low Noise Low offset Drift +1g -1g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADXL202Low Cost +-2 g/+-10 g Dual Axis iMEMS Accelerometers with Digital Output 1 2 3 4 5 MoreAnalog Devices

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl