전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP03636 데이터시트(PDF) 1 Page - Golledge Electronics Ltd

부품명 MP03636
상세설명  SAW Filter 359.20MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03636 데이터시트(HTML) 1 Page - Golledge Electronics Ltd

  MP03636 Datasheet HTML 1Page - Golledge Electronics Ltd MP03636 Datasheet HTML 2Page - Golledge Electronics Ltd MP03636 Datasheet HTML 3Page - Golledge Electronics Ltd MP03636 Datasheet HTML 4Page - Golledge Electronics Ltd MP03636 Datasheet HTML 5Page - Golledge Electronics Ltd MP03636 Datasheet HTML 6Page - Golledge Electronics Ltd MP03636 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 359.20MHz
Model: TB0656A
Part No: MP03636
Rev No: 2
TB0656A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: -5°C to +85°C
2. Storage Temperature: -40°C to +85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Value
Min.
Typ.
Max.
Center frequency Fc MHz
-
359.2
-
Maximum Insertion loss IL dB
-
11.5
13.0
1dB Bandwidth MHz
21
24.1
-
Passband Ripple in Fc ± 10.5MHz dB
-
0.2
0.7
Group Delay Ripple in Fc ± 10.5MHz nS
-
17
30
Group Delay Slope
5
Temp Coefficient ppm/°C
-18
Attenuation: (Reference level from minimum insertion loss)
319 ~ 336MHz dB
40
48
-
336 ~ 342MHz dB
40
45
-
374.8 ~ 379MHz dB
-
14
-
379 ~ 401MHz dB
40
44
-
Note: Group Delay compensate with 360MHz Filter


유사한 부품 번호 - MP03636

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
   SAW Filter 350.0MHz
MP03634 GOLLEDGE-MP03634 Datasheet
159Kb / 6P
   SAW Filter 350.0MHz
MP03635 GOLLEDGE-MP03635 Datasheet
91Kb / 4P
   SAW Filter 351.10MHz
MP03637 GOLLEDGE-MP03637 Datasheet
102Kb / 6P
   SAW Filter 360.0MHz
More results

유사한 설명 - MP03636

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com