전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP03883 데이터시트(PDF) 1 Page - Golledge Electronics Ltd

부품명 MP03883
상세설명  SAW Filter 490.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03883 데이터시트(HTML) 1 Page - Golledge Electronics Ltd

  MP03883 Datasheet HTML 1Page - Golledge Electronics Ltd MP03883 Datasheet HTML 2Page - Golledge Electronics Ltd MP03883 Datasheet HTML 3Page - Golledge Electronics Ltd MP03883 Datasheet HTML 4Page - Golledge Electronics Ltd MP03883 Datasheet HTML 5Page - Golledge Electronics Ltd MP03883 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 490.0MHz
Model: TB0715A
Part No: MP03883
Rev No: 1
TB0715A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -20°C ~ +70°C
3. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
490
-
-
Minimum Insertion loss IL dB
-
10.9
15.0
-
3dB Bandwidth MHz
15.0
16.2
-
-
40dB Bandwidth
-
27.5
28.0
Amplitude Ripple (Fc ± 5.0MHz) dB
-
0.3
1.0
-
Group-delay Ripple (Fc ± 6.0MHz) nsec
-
12
40
-
Temp Coefficient ppm/°C
-
-18
-
-
Attenuation (Reference level from Minimum insertion loss)
506MHz dB
45
49
-
-


유사한 부품 번호 - MP03883

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MP03880 GOLLEDGE-MP03880 Datasheet
135Kb / 7P
   SAW Filter 464.0MHz
MP03881 GOLLEDGE-MP03881 Datasheet
142Kb / 6P
   SAW Filter 480.0MHz
MP03884 GOLLEDGE-MP03884 Datasheet
87Kb / 6P
   SAW Filter 495.0MHz
MP03885 GOLLEDGE-MP03885 Datasheet
59Kb / 6P
   SAW Filter 512.20MHz
More results

유사한 설명 - MP03883

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
MP04074 GOLLEDGE-MP04074 Datasheet
95Kb / 5P
   SAW Filter 490.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com