전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1576BB 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1576BB
상세설명  SAW Filter 1575.42 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1576BB 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1576BB Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1576BB Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
D. Frequency Characteristics :
1. Wideband response (span: 800~1800MHz)
2. Narrow-band response (span: 100MHz)


유사한 부품 번호 - TA1576BB

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1573A TAI-SAW-TA1573A Datasheet
160Kb / 7P
   SAW Filter 1589 MHz BW 31.47MHz SMD 1.1x0.9x0.5mm
TA1573B TAI-SAW-TA1573B Datasheet
415Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.1X0.9mm
TA1575BB TAI-SAW-TA1575BB Datasheet
424Kb / 7P
   SAW Filter 1575MHz
TA1575BBB TAI-SAW-TA1575BBB Datasheet
549Kb / 7P
   SAW Filter 1575MHz
logo
Transko Electronics, In...
TA1575DJ TRANSKO-TA1575DJ Datasheet
439Kb / 4P
   GPS, RF SAW Filter
Revision 0: May 2005
More results

유사한 설명 - TA1576BB

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com