전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1692C 데이터시트(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1692C
상세설명  SAW Filter 836.5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1692C 데이터시트(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1692C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692C Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E. PCB Footprint:


유사한 부품 번호 - TA1692C

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
logo
Golledge Electronics Lt...
TA1692A GOLLEDGE-TA1692A Datasheet
238Kb / 7P
   SAW Filter 836.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692D TAI-SAW-TA1692D Datasheet
364Kb / 7P
   SAW Filter 836.5 MHz 25MHz BW SMD 1.1횞0.9 mm
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
More results

유사한 설명 - TA1692C

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com