전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC3299A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 TC3299A
상세설명  Ethernet PCMCIA Controller COMBO Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TC3299A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  TC3299A Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 3Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 4Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 5Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 6Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 7Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 8Page - List of Unclassifed Manufacturers TC3299A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TC3299A
Preliminary Data Sheet
Pin Configuration
1
2
3
4
5
6
7 8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
W
E
*
S
A
0
S
A
1
S
A
2
S
A
3
S
A
4
S
A
5
S
A
6
S
A
7
S
A
8
S
A
9
A
C
L
E
D
G
N
D
N
C
D
I
D
O
N
C
N
C
V
C
C
C
E
1
*
I
O
R
*
I
O
W
*
O
E
*
R
E
G
*
G
N
D
MA14
MA3
MA2
MA1
EECS
SD15
SD14
SD13
SD12
SD11
SD10
SD9
SD8
GND
IO16*
INPACK*
INT*
VCC
NC
GND
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
V
C
O
I
C
D
+
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
WAIT*
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
RST
VCC
GND
TDLY+
TD-
TDLY-
TD+
RD+
RD-
AVDD
RX+
46
47
48
49
50
RX-
AGND
TX+
TX-
LLED
76
77
78
79
80
MA7
MA6
MA5
MA4
VCC
TC3299A
100pin LQFP
C
D
-
X
1
M
D
1
M
A
1
2
M
W
*
M
A
1
0
M
A
9
M
A
8
M
D
0
C
S
0
*
M
R
*
M
A
0
M
A
1
3
M
A
1
1
X
2
G
N
D
V
C
C
M
D
7
M
D
6
M
D
5
M
D
4
M
D
3
M
D
2
Confidential.
3/26
August 27, 20003
Copyright © 2003, IC Plus Corp.
TC3299A-DS-R30


유사한 부품 번호 - TC3299A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
More results

유사한 설명 - TC3299A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
ASIX Electronics Corpor...
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
logo
SMSC Corporation
91C94 SMSC-91C94 Datasheet
447Kb / 120P
   ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
ASIX Electronics Corpor...
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
   10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
   PCMCIA Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com