전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8315ACP-EVAL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8315ACP-EVAL
상세설명  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8315ACP-EVAL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8315ACP-EVAL Datasheet HTML 3Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 4Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 5Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 6Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 7Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 8Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 9Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 10Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD8315
–7–
SUPPLY VOLTAGE – V
3.5
2.7
3.3
3.1
2.9
2.7
2.5
2.3
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
4mA
6mA
0mA
2mA
TPC 19. Maximum VAPC Voltage vs. Supply Voltage by
Load Current
AVERAGE = 16 SAMPLES
200mV PER VERTICAL
DIVISION
VAPC
VENBL
2 s PER
HORIZONTAL
DIVISION
1V PER
VERTICAL
DIVISION
GND
GND
TPC 20. ENBL Response Time
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
2.7V
52.3
0.1 F
TEK P6205
FET PROBE
TEK TDS694C
SCOPE
TEK P6205
FET PROBE
TRIG
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
RF OUT
10MHz REF
OUTPUT
TIMEBASE
R AND S
SMT03
SIGNAL
GENERATOR
TPC 21. Test Setup for ENBL Response Time
SUPPLY VOLTAGE – V
2.8
2.7
2.7
2.6
2.5
2.4
2.8
3.0
SHADING INDICATES
3 SIGMA
2.9
TPC 22. Maximum VAPC Voltage vs. Supply Voltage with
4 mA Load Current
100ns PER
HORIZONTAL
DIVISION
AVERAGE = 16 SAMPLES
VAPC
PULSED RF
0.1GHz, –13dBV
1V PER
VERTICAL
DIVISION
RF
INPUT
GND
GND
TPC 23. VAPC Response Time, Full-Scale Amplitude
Change, Open-Loop
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
2.7V
0.1 F
TEK P6205
FET PROBE
TEK TDS694C
SCOPE
TRIG
PICOSECOND
PULSE LABS
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
R AND S SMT03
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
10MHz REF
OUTPUT
EXT TRIG
NC
PULSE MODE IN
OUT
52.3
RF OUT
–3dB
–3dB
2.7V
0.3V
RF
SPLITTER
TPC 24. Test Setup for VAPC Response Time


유사한 부품 번호 - AD8315ACP-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACP-EVALZ AD-AD8315ACP-EVALZ Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

유사한 설명 - AD8315ACP-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com