전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TXB0108DQSR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TXB0108DQSR
상세설명  8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0108DQSR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TXB0108DQSR Datasheet HTML 2Page - Texas Instruments TXB0108DQSR Datasheet HTML 3Page - Texas Instruments TXB0108DQSR Datasheet HTML 4Page - Texas Instruments TXB0108DQSR Datasheet HTML 5Page - Texas Instruments TXB0108DQSR Datasheet HTML 6Page - Texas Instruments TXB0108DQSR Datasheet HTML 7Page - Texas Instruments TXB0108DQSR Datasheet HTML 8Page - Texas Instruments TXB0108DQSR Datasheet HTML 9Page - Texas Instruments TXB0108DQSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TXB0108
SCES643F – NOVEMBER 2006 – REVISED NOVEMBER 2014
www.ti.com
6.4 Thermal Information
TXB0108
THERMAL METRIC(1)
PW
RGY
DQS
YZP
GXY
ZXY
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
101.8
35.3
108.5
66.2
156.7
156.7
RθJC(to
Junction-to-case (top) thermal resistance
35.5
42.1
32.3
0.4
39.9
39.9
p)
RθJB
Junction-to-board thermal resistance
52.8
11.1
42.4
52.0
85.9
85.9
°C/W
ψJT
Junction-to-top characterization parameter
2.2
0.7
0.7
1.5
1.1
1.1
ψJB
Junction-to-board characterization parameter
52.2
11.2
42
51.9
85.4
85.4
RθJC(b
Junction-to-case (bottom) thermal resistance
3.8
ot)
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
–40°C to 85°C
TEST
PARAMETER
VCCA
VCCB
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
1.2 V
1.1
VOHA
IOH = –20 μA
V
1.4 V to 3.6 V
VCCA – 0.4
1.2 V
0.3
VOLA
IOL = 20 μA
V
1.4 V to 3.6 V
0.4
VOHB
IOH = –20 μA
1.65 V to 5.5 V
VCCB – 0.4
V
VOLB
IOL = 20 μA
1.65 V to 5.5 V
0.4
V
II
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
μA
A port
0 V
0 V to 5.5 V
±1
±2
Ioff
μA
B port
0 V to 3.6 V
0 V
±1
±2
IOZ
A or B port
OE = GND
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
μA
1.2 V
0.06
1.65 V to 5.5 V
1.4 V to 3.6 V
5
VI = VCCI or GND,
ICCA
μA
IO = 0
3.6 V
0 V
2
0 V
5.5 V
–2
1.2 V
3.4
1.65 V to 5.5 V
1.4 V to 3.6 V
5
VI = VCCI or GND,
ICCB
μA
IO = 0
3.6 V
0 V
–2
0 V
5.5 V
2
1.2 V
3.5
VI = VCCI or GND,
ICCA + ICCB
1.65 V to 5.5 V
μA
IO = 0
1.4 V to 3.6 V
10
VI = VCCI or GND,
1.2 V
0.05
ICCZA
IO = 0,
1.65 V to 5.5 V
μA
1.4 V to 3.6 V
5
OE = GND
VI = VCCI or GND,
1.2 V
3.3
ICCZB
IO = 0,
1.65 V to 5.5 V
μA
1.4 V to 3.6 V
5
OE = GND
CI
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
5
5.5
pF
A port
5
6.5
Cio
1.2 V to 3.6 V
1.65 V to 5.5 V
pF
B port
8
10
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TXB0108


유사한 부품 번호 - TXB0108DQSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0108DQSR TI-TXB0108DQSR Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108DQSR TI-TXB0108DQSR Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108DQSR TI1-TXB0108DQSR Datasheet
1Mb / 32P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
TXB0108DQSR TI-TXB0108DQSR Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results

유사한 설명 - TXB0108DQSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com