전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4859JAN 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 2N4859JAN
상세설명  N-Channel JFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4859JAN 데이터시트(HTML) 2 Page - Vishay Siliconix

  2N4859JAN Datasheet HTML 1Page - Vishay Siliconix 2N4859JAN Datasheet HTML 2Page - Vishay Siliconix 2N4859JAN Datasheet HTML 3Page - Vishay Siliconix 2N4859JAN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N4856JAN/JANTX/JANTXV Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70244
S-04028—Rev. C, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage :
(2N4856-58)
–40 V
. . . . . . . . . . . . . . . . . . . . . . .
(2N4859-61)
–30 V
. . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 seconds)
300
_C
. . . . . . . . . . . . . .
Storage Temperature
–65 to 200
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–65 to 200
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
1800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 10.3 mW/
_C to TC > 25_C
SPECIFICATIONS FOR 2N4856, 2N4857 AND 2N4858 (TA = 25_C UNLESS NOTED)
Limits
2N4856
2N4857
2N4858
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–55
–40
–40
–40
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 15 V, ID = 0.5 nA
–4
–10
–2
–6
–0.8
–4
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
50
175
20
100
8
80
mA
VGS = –20 V, VDS = 0 V
–5
–250
–250
–250
pA
Gate Reverse Current
IGSS
TA = 150_C
–13
–500
–500
–500
nA
Gate Operating Currentc
IG
VDG = 15 V, ID = 10 mA
–5
VDS = 15 V, VGS = –10 V
5
250
250
250
pA
Drain Cutoff Current
ID(off)
TA = 150_C
13
500
500
500
nA
ID = 5 mA
0.25
0.5
Drain-Source On-Voltage
VDS(on)
VGS = 0 V
ID = 10 mA
0.35
0.5
V
ID = 20 mA
0.5
0.75
Drain-Source On-Resistancec
rDS(on)
VGS = 0 V, ID = 1 mA
25
40
60
W
Gate-Source
Forward Voltagec
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source
Forward Transconductancec
gfs
VDG = 20 V, ID = 1 mA
6
mS
Common-Source
Output Conductancec
gos
VDG = 20 V, ID = 1 mA
f = 1 kHz
25
mS
Common-Source
Input Capacitance
Ciss
VDS = 0 V, VGS = –10 V
7
18
18
18
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 0 V, VGS = –10 V
f = 1 MHz
3
8
8
8
pF
Equivalent Input
Noise Voltagec
en
VDG = 10 V, ID = 10 mA
f = 1 kHz
3
nV
√Hz
Switching
td(on)
2
6
6
10
Turn-On Time
tr
VDD = 10 V, VGS(H) = 0 V
See Switching Circuit
2
3
4
10
ns
Turn-Off Time
tOFF
See Switching Circuit
13
25
50
100


유사한 부품 번호 - 2N4859JAN

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
2N4859 MOTOROLA-2N4859 Datasheet
278Kb / 2P
   JFET SWITCHING N-CHANNEL-DEPLETION
logo
Microsemi Corporation
2N4859 MICROSEMI-2N4859 Datasheet
68Kb / 3P
   N-CHANNEL J-FET
logo
List of Unclassifed Man...
2N4859 ETC1-2N4859 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
InterFET Corporation
2N4859 INTERFET-2N4859 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N4859 INTERSIL-2N4859 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

유사한 설명 - 2N4859JAN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com