전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-RL11 데이터시트(PDF) 6 Page - Agilent(Hewlett-Packard)

부품명 HLMP-RL11
상세설명  Optical Performance Best Value AlInGaP and InGaN Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-RL11 데이터시트(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-RL11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-RL11 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Blue
Color Range (nm)
Bin ID
Min.
Max.
1
460.0
464.0
2
464.0
468.0
3
468.0
472.0
4
472.0
476.0
5
476.0
480.0
Color Bin Limits (nm at 20 mA)
Tolerance for each bin limit is
± 2 nm.
Note:
1. All bin categories are established for
classification of products. Products may not be
available in all bin categories. Please contact
your Agilent representatives for further
information.
Green
Color Range (nm)
Bin ID
Min.
Max.
1
520.0
524.0
2
524.0
528.0
3
528.0
532.0
4
532.0
536.0
5
536.0
540.0
Tolerance for each bin limit is
± 0.5 nm.
Amber
Color Range (nm)
Bin ID
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Tolerance for each bin limit is
± 0.5 nm.
Intensity Bin Limits (mcd at 20 mA)
Bin Name
Min.
Max.
Bin Name
Min.
Max.
D
65
85
J
240
310
E
85
110
K
310
400
F
110
140
L
400
520
G
140
180
M
520
680
H
180
240
Tolerance for each bin limit is
± 15%.
Note:
1. Bin categories are established for classification of products. Products may not be available in
all bin categories.
6


유사한 부품 번호 - HLMP-RL11

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-RL11 HP-HLMP-RL11 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RL11 AVAGO-HLMP-RL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RL11 AVAGO-HLMP-RL11 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-RL11-H0000 AVAGO-HLMP-RL11-H0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RL11-H0000 AVAGO-HLMP-RL11-H0000 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

유사한 설명 - HLMP-RL11

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com