전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-SD11 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-SD11
상세설명  Optical Performance Best Value AlInGaP and InGaN Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SD11 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-SD11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SD11 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
Parameter
Blue and Green
Red and Amber
DC Forward Current[1]
30 mA
50 mA
Peak Pulsed Forward Current
100 mA
100 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100
µA)
5 V
5 V
Power Dissipation
120 mW
120 mW
LED Junction Temperature
100˚C
110˚C
Operating Temperature Range
–40˚C to +80˚C
–40˚C to +100˚C
Storage Temperature Range
–40˚C to +100˚C
–40˚C to +120˚C
Wave Soldering Temperature
250˚C for 3 sec.
250˚C for 3 sec.
Note:
1. Derate linearly as shown in Figure 6 and 7.
Electrical/Optical Characteristics at TA = 25˚C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle
Major
2
θ1/2
120
deg
Minor
60
Forward Voltage
VF
IF = 20 mA
Amber (
λd = 592 nm)
2.15
2.5
V
Red (
λd = 630 nm)
2.00
2.5
Blue (
λd = 472 nm)
3.5
4.0
Green (
λd = 526 nm)
3.5
4.0
Reverse Voltage
Amber, Red
VR
520
V
IR = 100
µA
Blue, Green
5
IR = 10
µA
Peak Wavelength
Peak of Wavelength
Amber (
λd = 592 nm)
λpeak
594
nm
of Spectral Distribution
Red (
λd = 630 nm)
639
at IF = 20 mA
Blue (
λd = 472 nm)
470
Green (
λd = 526 nm)
524
Spectral Halfwidth
Wavelength Width
Amber (
λd = 592 nm)
∆λ1/2
17
nm
at Spectral Distribution
Red (
λd = 630 nm)
17
1/2 Power Point at
Blue (
λd = 472 nm)
35
IF = 20 mA
Green (
λd = 526 nm)
47
Capacitance
VF = 0, F = 1 MHz
Amber, Red
C
40
pF
Blue, Green
43
Luminous Efficacy
Emitted Luminous
Amber (
λd = 592 nm)
ηv
500
lm/W
Power/Emitted Radiant
Red (
λd = 630 nm)
155
Power at IF = 20 mA
Blue (
λd = 472 nm)
75
Green (
λd = 526 nm)
520
Thermal Resistance
R
θJ-PIN
240
˚C/W
LED Junction-to-Cathode
Lead
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/
ηv where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. The dominant wavelength
λd is derived from the CIE Chromaticity Diagram and represents the color of the lamp.


유사한 부품 번호 - HLMP-SD11

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-SD11 HP-HLMP-SD11 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SD11 AVAGO-HLMP-SD11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-SD11 AVAGO-HLMP-SD11 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SD11-J0000 AVAGO-HLMP-SD11-J0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-SD11-J0000 AVAGO-HLMP-SD11-J0000 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

유사한 설명 - HLMP-SD11

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com