전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7035L 데이터시트(PDF) 14 Page - Integrated Device Technology

부품명 IDT7035L
상세설명  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7035L 데이터시트(HTML) 14 Page - Integrated Device Technology

Back Button IDT7035L Datasheet HTML 10Page - Integrated Device Technology IDT7035L Datasheet HTML 11Page - Integrated Device Technology IDT7035L Datasheet HTML 12Page - Integrated Device Technology IDT7035L Datasheet HTML 13Page - Integrated Device Technology IDT7035L Datasheet HTML 14Page - Integrated Device Technology IDT7035L Datasheet HTML 15Page - Integrated Device Technology IDT7035L Datasheet HTML 16Page - Integrated Device Technology IDT7035L Datasheet HTML 17Page - Integrated Device Technology IDT7035L Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
6.42
IDT7035S/L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
14
Wa ve for m of I nt e r rupt T im ing(1)
Trut h Ta ble I I I — I nt e r rupt Fla g(1,2)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from “A”.
2. See Interrupt Flag Truth Table III.
3. Timing depends on which enable signal (CE or R/W) is asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
NOTES:
1. Assumes BUSYL = BUSYR = VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
4.
INTR and INTL must be initialized at power-up.
4088 drw 15
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)
4088 drw 16
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)
Left Port
Right Port
Function
R/WL
CEL
OEL
A0L-A12L
INTL
R/WR
CER
OER
A0R-A12R
INTR
LL
X
1FFF
X
X
X
X
X
L(2)
Set Right INTR Flag
X
X
XXX
X
L
L
1FFF
H(3)
Reset Right INTR Flag
XX
X
X
L(3)
L
L
X
1FFE
X
Set Left INTL Flag
X
L
L
1FFE
H(2)
X
X
X
X
X
Reset Left INTL Flag
4088 tbl 16


유사한 부품 번호 - IDT7035L

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7035L IDT-IDT7035L Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035L15PF IDT-IDT7035L15PF Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035L20PF IDT-IDT7035L20PF Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results

유사한 설명 - IDT7035L

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com