전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA821 데이터시트(PDF) 16 Page - Texas Instruments

부품명 INA821
상세설명  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 데이터시트(HTML) 16 Page - Texas Instruments

Back Button INA821_18 Datasheet HTML 12Page - Texas Instruments INA821_18 Datasheet HTML 13Page - Texas Instruments INA821_18 Datasheet HTML 14Page - Texas Instruments INA821_18 Datasheet HTML 15Page - Texas Instruments INA821_18 Datasheet HTML 16Page - Texas Instruments INA821_18 Datasheet HTML 17Page - Texas Instruments INA821_18 Datasheet HTML 18Page - Texas Instruments INA821_18 Datasheet HTML 19Page - Texas Instruments INA821_18 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Capacitive Load (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
Positive Overshoot
Negative Overshoot
Frequency (Hz)
-40
10
100
1k
10k
100k
0.001
0.01
0.1
1
-60
-80
-100
G = 1
G = 10
G = 100
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
-60
-50
-40
-30
-20
-10
0
10
20
30
40
ISC, Source
ISC, Sink
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
Vs = r15 V
Vs = r5 V
Output Current (mA)
0
2
4
6
8
10
12
14
16
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
-40qC
25qC
85qC
125qC
Output Current (mA)
0
2
4
6
8
10
12
14
16
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
-14.1
-14
-40qC
25qC
85qC
125qC
16
INA821
SBOS893A – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 37. Positive Output Voltage Swing vs Output Current
Figure 38. Negative Output Voltage Swing vs Output Current
Figure 39. Short Circuit Current vs Temperature
Figure 40. Large-Signal Frequency Response
500-kHz measurement bandwidth
1-VRMS output voltage
100-kΩ load
Figure 41. THD+N vs Frequency
Figure 42. Overshoot vs Capacitive Loads


유사한 부품 번호 - INA821_18

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results

유사한 설명 - INA821_18

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA828 TI1-INA828 Datasheet
1Mb / 33P
[Old version datasheet]   50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
   1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com