전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TB1198A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TB1198A
상세설명  SAW Filter 156.525MHz 25kHz BW (SMD 7.0횞5.0mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1198A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1198A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1198A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. FREQUENCY CHARACTERISTICS:
(1) Narrow band Response:
(2) Pass Band Response and Group Delay Response:


유사한 부품 번호 - TB1198A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TB1198A GOLLEDGE-TB1198A Datasheet
169Kb / 6P
   SAW Filter 156.5250MHz
More results

유사한 설명 - TB1198A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1279A TAI-SAW-TB1279A Datasheet
345Kb / 7P
   SAW Filter 205MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1285A TAI-SAW-TB1285A Datasheet
323Kb / 8P
   SAW Filter 184.32MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1290A TAI-SAW-TB1290A Datasheet
318Kb / 7P
   SAW Filter 332MHz 24MHz BW (SMD 7.0횞5.0mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1278A TAI-SAW-TB1278A Datasheet
345Kb / 7P
   SAW Filter 170MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1263A TAI-SAW-TB1263A Datasheet
334Kb / 7P
   SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
TB1203A TAI-SAW-TB1203A Datasheet
210Kb / 7P
   SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1270A TAI-SAW-TB1270A Datasheet
325Kb / 7P
   SAW Filter 176MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1301A TAI-SAW-TB1301A Datasheet
356Kb / 7P
   SAW Filter 498MHz 1MHz BW (SMD 7.0횞5.0mm)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com