전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3302 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3302
상세설명  Switching Regulator, DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3302 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3302 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3302 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3302 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3302 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3302 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3302 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3302
2002-09-04
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
VGS = 3.75 V
10
0
2
4
6
8
10
0.1
0.2
0.3
0.4
0.5
Common source
Ta
= 25°C
Pulse test
8
6
5.5
5
4.75
4.25
4.5
4
0
VGS = 4 V
0
10
20
30
40
50
0.2
0.4
0.6
0.8
1.0
8
Common source
Ta
= 25°C
Pulse test
10
6
5.75
5.5
5.25
5
4.75
4.5
4.25
0
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1.0
Common source
VDS = 20 V
Pulse test
100
Ta
= -55°C
25
0
0
4
8
12
16
20
4
8
12
16
20
Common source
Ta
= 25°C
Pulse test
ID = 0.5 A
0.25
0.12
0.1
0.05
0.1
1
0.3
0.3
1
0.5
0.5
Common source
VDS = 20 V
Pulse test
Ta
= -55°C
100
25
1
0.01
0.03 0.05
0.1
0.3
0.5
1
3
5
10
30
Common source
Ta
= 25°C
Pulse test


유사한 부품 번호 - 2SK3302

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3302 TOSHIBA-2SK3302 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3302 TOSHIBA-2SK3302_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

유사한 설명 - 2SK3302

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com