전자부품 데이터시트 검색엔진 |
|
IRF6636 데이터시트(PDF) 9 Page - International Rectifier |
|
IRF6636 데이터시트(HTML) 9 Page - International Rectifier |
9 / 9 page IRF6636 www.irf.com 9 DirectFET™ Tape & Reel Dimension (Showing component orientation). Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/05 METRIC MIN 330.0 20.2 12.8 1.5 100.0 N.C 12.4 11.9 CODE A B C D E F G H MAX N.C N.C 0.520 N.C N.C 0.724 0.567 0.606 MIN 12.992 0.795 0.504 0.059 3.937 N.C 0.488 0.469 MAX N.C N.C 13.2 N.C N.C 18.4 14.4 15.4 IMPERIAL STANDARD OPTION (QTY 4800) NOTE: Controlling dimensions in mm Std reel quantity is 4800 parts. (ordered as IRF6636). For 1000 parts on 7" reel, order IRF6636TR1 METRIC IMPERIAL TR1 OPTION (QTY 1000) MIN 177.77 19.06 13.5 1.5 58.72 N.C 11.9 11.9 MAX N.C N.C 12.8 N.C N.C 13.50 12.01 12.01 MIN 6.9 0.75 0.53 0.059 2.31 N.C 0.47 0.47 MAX N.C N.C 0.50 N.C N.C 0.53 N.C N.C REEL DIMENSIONS |
유사한 부품 번호 - IRF6636 |
|
유사한 설명 - IRF6636 |