전자부품 데이터시트 검색엔진 |
|
TS5A4595 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
TS5A4595 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 14 page TS5A4595 8 W SPST ANALOG SWITCH 5V/3.3V SINGLECHANNEL ANALOG SWITCH SCDS180 − FEBRUARY 2005 www.ti.com 5 Electrical Characteristics for 3-V Supply(1) V+ = 2.7 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNC 0 V+ V ON-state ron V+ = 3 V, VNC = 1.5 V, Switch ON, 25 °C 2.7 V 9.5 16 Ω ON-state resistance ron V+ = 3 V, VNC = 1.5 V, ICOM = 10 mA, Switch ON, See Figure 13 Full 2.7 V 20 Ω ON-state resistance ron(flat) VNC = 1.5 V, 2.5 V, Switch ON, 25 °C 2.7 V 1.8 6 Ω resistance flatness ron(flat) VNC = 1.5 V, 2.5 V, ICOM = 10 mA, Switch ON, See Figure 13 Full 2.7 V 7 Ω NC OFF leakage INC(OFF) VNC = 1 V, VCOM = 3 V, or Switch OFF, 25 °C 3.6 V −0.5 0.01 0.5 nA OFF leakage current INC(OFF) NC COM or VNC = 3 V, VCOM = 1 V, Switch OFF, See Figure 14 Full 3.6 V −5 5 nA COM OFF leakage ICOM(OFF) VCOM = 1 V, VNC = 3 V, or Switch OFF, 25 °C 3.6 V −0.5 0.01 0.5 nA OFF leakage current ICOM(OFF) COM NC or VCOM = 1 V, VNC = 3 V, Switch OFF, See Figure 14 Full 3.6 V −5 5 nA NC ON leakage INC(ON) VNC = 1 V, VCOM = 1 V, or VNC = 3 V, VCOM = 3 V, Switch ON, 25 °C 3.6 V −1 0.01 1 nA ON leakage current INC(ON) or VNC = 3 V, VCOM = 3 V, or VNC = 1 V, 3 V, VCOM = Open, Switch ON, See Figure 15 Full 3.6 V −10 10 nA COM ON leakage ICOM(ON) VCOM = 1 V, VNC = 1 V, or VCOM = 3 V, VNC = 3 V, Switch ON, 25 °C 3.6 V −1 0.01 1 nA ON leakage current ICOM(ON) or VCOM = 3 V, VNC = 3 V, or VCOM = 1 V, 3 V, VNC = Open, Switch ON, See Figure 15 Full 3.6 V −10 10 nA Digital Control Input (IN) Input logic high VIH Full 2 5.5 V Input logic low VIL Full 0 0.8 V Input leakage IIH, IIL VI = V+ or 0 25 °C 3.6 V −0.5 0.01 0.5 nA Input leakage current IIH, IIL VI = V+ or 0 Full 3.6 V −5 5 nA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
유사한 부품 번호 - TS5A4595 |
|
유사한 설명 - TS5A4595 |