전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESA56-11EWA 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 ESA56-11EWA
상세설명  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

ESA56-11EWA 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  ESA56-11EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers ESA56-11EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.eLED.com
DATA NO :EA0358
REV NO :V1
DATE :OCT/13/2001
ESA56-11EWA-2/2
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Absolute Maximum Ratings at TA=25
°°°°°C
Highe Efficiency Red ESA56-11EWA
Electrical / Optical Characteristics at TA=25
°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H7
2
6m
nI
F
A
m
0
2
=
λD
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H5
2
6m
nI
F
A
m
0
2
=
λ
2
/
1
e
n
i
L
l
a
r
t
c
e
p
S
h
t
d
i
w
f
l
a
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H5
4m
nI
F
A
m
0
2
=
Ce
c
n
a
t
i
c
a
p
a
Cd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H5
1F
pV
F
z
H
M
1
=
f;
V
0
=
V
F
e
g
a
t
l
o
V
d
r
a
w
r
o
Fd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H0
.
25
.
2V
I
F
A
m
0
2
=
I
R
t
n
e
r
r
u
C
e
s
r
e
v
e
Rd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
HA
uV
R
V
5
=
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hs
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
5
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
0
6
1A
m
e
g
a
t
l
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
i
t
a
r
e
p
O
0
4
5
8
+
o
T
C°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
s
d
n
o
c
e
S
5
r
o
F
C


유사한 부품 번호 - ESA56-11EWA

제조업체부품명데이터시트상세설명
logo
Fuji Electric
ESAB33 FUJI-ESAB33 Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
logo
List of Unclassifed Man...
ESAB33-02CS ETC-ESAB33-02CS Datasheet
70Kb / 3P
   FAST RECOVERY DIODE
logo
Fuji Electric
ESAB33CS FUJI-ESAB33CS Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
logo
List of Unclassifed Man...
ESAB33CS ETC-ESAB33CS Datasheet
70Kb / 3P
   FAST RECOVERY DIODE
logo
Fuji Electric
ESAB34M FUJI-ESAB34M Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
More results

유사한 설명 - ESA56-11EWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com