전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-P405-F00XX 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HLMP-P405-F00XX
상세설명  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-P405-F00XX 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-P405-F00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 13Page - Agilent(Hewlett-Packard) HLMP-P405-F00XX Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
High Performance Green
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P502-F00xx
1.0
3.0
P505-G00xx
1.6
6.3
IF = 10 mA
6500-F00xx
1.0
7.0
6505-L00xx
Luminous Intensity[1]
Iv
10.0
40.0
mcd
7040-D00xx
0.4
0.6
IF = 2 mA
6800-G00xx
1.6
5.0
VF = 5.0 Volts
6820-F00xx
1.0
2.0
All
Forward Voltage
VF
2.1
2.7
V
IF = 10 mA
(Nonresistor Lamps)
6800
Forward Current
IF
9.6
13.0
mA
VF = 5.0 V
6820
(Resistor Lamps)
3.5
5.0
All
Reverse Breakdown Voltage
VR
5.0
50.0
V
IR = 100 µA
P505
Included Angle Between
125
6505
Half Intensity Points[2]
2q1/2
28
Deg.
All Diffused
90
Peak Wavelength
lPEAK
565
nm
Dominant Wavelength[3]
ld
569
nm
Spectral Line Half Width
Dl1/2
28
nm
All
Speed of Response
ts
500
ns
Capacitance
C
18
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hv
595
lm/W
Notes:
1. The luminous intensity for arrays is tested to assure a 2.1 to 1.0 matching between elements. The average luminous intensity for an array
determines its light output category bin. Arrays are binned for luminous intensity to allow Iv matching between arrays.
2. q1/2 is the off-axis angle where the luminous intensity is half the on-axis value.
3. Dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the single wavelength that defines the color of the device.
4. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie = Iv/hv, where Iv is the luminous intensity in
candelas and hv is the luminous efficacy in lumens/watt.


유사한 부품 번호 - HLMP-P405-F00XX

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-P405 BOARDCOM-HLMP-P405 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

유사한 설명 - HLMP-P405-F00XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com