전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC104S1-A1 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 LC104S1-A1
상세설명  PRELIMINARY SPECIFICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

LC104S1-A1 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LC104S1-A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC104S1-A1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Page 6 / 28
SPECIFICATION
Liquid Crystal Display LC104S1-A1
3.
Electrical Specifications
3-1. Electrical Characteristics
The LC104S1-A1 requires two power inputs. One is employed to power the LCD electronics and to
drive the TFT array and liquid crystal. The second input which powers the CCFL, is typically generated
by an inverter. The inverter is an external unit to the LCD.
Table 2. ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Values
Min.
Typ.
Max.
Units
Notes
MODULE :
Power Supply Input Voltage
Power Supply Input Current
Differential Impedance
Power Consumption
LAMP :
Operating Voltage
Operating Current
Established Starting Voltage
at 25
°C
at 0
°C
Operating Frequency
Discharge Stabilization Time
Power Consumption
Half Life Time
V
CC
I
CC
Zm
P
C
V
L
I
L
V
S
f
L
T
S
P
BL
3.0
231
90
-
485
3.0
-
-
45
-
20,000
3.3
272
100
0.90
500
6.0
-
-
60
3.0
-
3.6
313
110
1.03
600
6.5
845
1015
80
3
3.3
-
Vdc
mA
ohm
Watts
V
RMS
mA
V
RMS
V
RMS
kHz
Minutes
Watts
Hrs
1
2
1
3
4
5
6
7
8
Note : The design of the inverter must have specification for the lamp in LCD Assembly.
The performance of the Lamp in LCM, for example life time or brightness, is extremely influenced by the
characteristics of the DC-AC inverter. So all the parameters of an inverter should be carefully designed
so as not to produce too much leakage current from high-voltage output of the inverter.
When you design or order the inverter, please make sure unwanted lighting caused by the mismatch of
the lamp and the inverter (no lighting, flicker, etc) never occurs. When you confirm it, the LCD Assembly
should be operated in the same condition as installed in you instrument.
1. The specified current and power consumption are under the V
CC=3.3V, 25°C,fV=60Hz condition
whereas Mosaic pattern is displayed and f
V is the frame frequency.
2. This impedance value is needed to proper display and measured from LVDS T
X to the mating connector.
3. The variance of the voltage is 10%.
4. The voltage above V
S should be applied to the lamps for more than 1 second for start-up.
Otherwise, the lamps may not be turned on. The used lamp current is the lamp typical current.
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi


유사한 부품 번호 - LC104S1-A1

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
   General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
   General Power Transformer
logo
Cornell Dubilier Electr...
LC104M CDE-LC104M Datasheet
142Kb / 1P
   EIA Class 3, Semiconductor Type Reduced Titanite Disc Ceramic Capacitors
logo
Littelfuse
LC104R2K LITTELFUSE-LC104R2K Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
More results

유사한 설명 - LC104S1-A1

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com